Part Number Hot Search : 
08775 78L07 NDL0509S C3466 CH2805 78L07 PE45002 ON1952
Product Description
Full Text Search
 

To Download 2SA886 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SA0886 (2SA886)
Silicon PNP epitaxial planar type
For low-frequency power amplification Complementary to 2SC1847
3.160.1
3.80.3
Unit: mm
8.0+0.5 -0.1 3.20.2
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating -50 -40 -5 -1.5 -3 1.2 150 -55 to +150 Unit V
4.60.2 0.750.1
0.50.1 0.50.1 2.30.2 3 1.760.1
V V A A W C C
1 2
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio * Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) Symbol VCBO VCEO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) fT Cob Conditions IC = -1 mA, IE = 0 IC = -2 mA, IB = 0 VCB = -20 V, IE = 0 VCE = -10 V, IB = 0 VEB = -5 V, IC = 0 VCE = -5 V, IC = -1 A IC = -1.5 A, IB = - 0.15 A IC = -2 A, IB = - 0.2 A VCB = -5 V, IE = 0.5 A, f = 200 MHz VCB = -20 V, IE = 0, f = 1 MHz 150 45 80 Min -50 -40 -1 -100 -10 220 -1.0 -1.5 Typ Max Unit V V A A A V V MHz pF
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE1 Q 80 to 160 R 120 to 220
Note) The part numbers in the parenthesis show conventional part number.
Publication date: February 2003 SJD00003BED
16.01.0
* Output of 4 W can be obtained by a complementary pair with 2SC1847 * TO-126B package which requires no insulation plate for installation to the heat sink
1.90.1
1: Emitter 2: Collector 3: Base TO-126B-A1 Package
3.050.1
Features
11.00.5
1
2SA0886
PC Ta
1.6
-4.0 -3.5
IC VCE
TC=25C IB=-40mA -35mA
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
IC/IB=10
-10
Collector power dissipation PC (W)
Collector current IC (A)
1.2
-3.0 -2.5
-30mA -25mA -20mA
-1
0.8
-2.0
-15mA
-1.5 -1.0 -0.5
-10mA -5mA
TC=100C
-0.1
0.4
25C
-25C
0
0
40
80
120
160
0
0
-2
-4
-6
-8
-10
-0.01 -0.01
-0.1
-1
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) IC
Base-emitter saturation voltage VBE(sat) (V)
IC/IB=10
hFE IC
240
VCE=-5V
fT I E
VCB=-5V f=200MHz TC=25C
-10
1000
Forward current transfer ratio hFE
TC=100C
25C
Transition frequency fT (MHz)
200
160
-1
TC=-25C 100C 25C
100
-25C
120
-0.1
10
80
40
-0.01 -0.01
-0.1
-1
1 -0.01
-0.1
-1
0 0.01
0.1
1
10
Collector current IC (A)
Collector current IC (A)
Emitter current IE (A)
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
-60
VCER RBE
1000
TC=25C
ICEO Ta
VCE=-12V
140 120 100 80 60 40 20 0 -1
Collector-emitter voltage (V) (Resistor between B and E) VCER
IE=0 f=1MHz TC=25C
-50
-30
ICEO (Ta) ICEO (Ta = 25C)
-40
100
-20
10
-10
-10
-100
0 0.001
1
0.01 0.1 1 10
0
20
40
60
80
100
120
Collector-base voltage VCB (V)
Base-emitter resistance RBE (k)
Ambient temperature Ta (C)
2
SJD00003BED
2SA0886
Safe operation area
-10
ICP Single pulse TC=25C
Rth t
104
(1)Without heat sink (2)With a 100x100x2mm Al heat sink
Collector current IC (A)
-1
IC
t=10ms
Thermal resistance Rth (C/W)
103
t=1s
102
(1) (2)
- 0.1
10
- 0.01
1
- 0.001 - 0.1
-1
-10
-100
10-1 10-4
10-3
10-2
10-1
1
10
102
103
104
Collector-emitter voltage VCE (V)
Time t (s)
SJD00003BED
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SA886

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X